PART |
Description |
Maker |
XR33038 XR33032 XR33035 |
WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
|
Exar Corporation
|
A8502KLPTR-T |
Wide Input Voltage Range, High Efficiency Fault Tolerant LED Driver
|
Allegro MicroSystems
|
K4H510738E-TC/LAA K4H510738E-TC/LB0 K4H510738E-TC/ |
Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-MSOP-PowerPAD -40 to 125 堆叠12Mb电子芯片DDR SDRAM内存规格(x4/x8 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 Stacked 512Mb E-die DDR SDRAM Specification (x4/x8)
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MAX4131 MAX4131ESA |
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 "Single, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail, I/O Op Amp in UCSP"
|
Maxim Integrated Products, Inc.
|
HDF1205S HDF2415D HDF2412D HDF2412S HDF1215S HDF24 |
NTE Silicon General Purpose Amplifier, Type: NPN Thermal Fuse; Current Rating:15A; Opening Temperature:240 C; Fuse Terminals:Axial Lead; Voltage Rating:277V; Fuse Size/Group:3.22 "; Voltage Rating:277V RoHS Compliant: Yes 3瓦特HD系列 3 Watt HD Series 3瓦特HD系列 Waveform Generator; IC Function:Waveform Generator IC; Package/Case:14-DIP; Supply Current:15mA; Supply Voltage:36V; Supply Voltage Max:30V; Supply Voltage Min:10V; Frequency Max:200kHz Audio Power Amplifier IC; Output Power, Po:325mW; Load Impedance Min:8ohm; Supply Voltage Max:12V; Supply Voltage Min:4V; Package/Case:8-DIP; Amplifier Type:; Bias Current:250nA; Number of Amplifiers:1; Offset Voltage:50kV IC-QUAD COMPARATOR Operational Amplifier (Op-Amp) IC; Number of Amplifiers:2; Bandwidth Max:4MHz; Slew Rate:13V/us; Package/Case:8-DIP; Dual Supply Voltage Max ( /- V):18V; Mounting Type:Through Hole Operational Amplifier (Op-Amp) IC; No. of Amplifiers:1; Amplifier Type:; Slew Rate:13V/us; Bandwidth Max:4MHz; Bias Current:7nA; Dual Supply Voltage Max ( V):18V; Gain:4dB; Offset Voltage:13mV; Package/Case:8-DIP RoHS Compliant: Yes IC-QUAD JFET INPUT OP AMP
|
Shindengen Electric Manufacturing Co., Ltd. Shindengen Electric Manufacturing Company, Ltd. Shindengen Electric Mfg. Co., Ltd.
|
K4H511638C-UC K4H511638C-UCA2 K4H511638C-UCB0 K4H5 |
8-Bit, 20 kSPS ADC Serial Out, uProcessor Periph./Standalone, Rem. Op w/Ser. Data Link, Mux option 14-SOIC 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-PDIP -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 512Mb C-die DDR SDRAM Specification 荤的512Mb芯片DDR SDRAM内存规格 Single Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 Dual Wide Bandwidth High Output Drive Single Supply Op Amp 8-SOIC -40 to 125 荤的512Mb芯片DDR SDRAM内存规格 8-Bit, 392 kSPS ADC Parallel Out, Microprocessor Peripheral, On-Chip Track-and-Hold, Single Channels 20-PDIP 荤的512Mb芯片DDR SDRAM内存规格
|
http:// Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
M3L2803R3S06 M3L2815D/EM |
HYBRID - HIGH RELIABILITY RADIATION TOLERANT DC/DC CONVERTER 2-OUTPUT 25 W DC-DC REG PWR SUPPLY MODULE
|
International Rectifier
|
V53C104FK70 V53C104FK80 V53C104FK60L V53C104FK70L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM IC TRANS ARRAY 60V 500MA DIP16 IC COMPARATOR DUAL 18V SIP8 IC COMPARATOR DUAL 18V DIP8 IC REGULATOR 10V 1A TO220FP
|
Mosel Vitelic, Corp.
|
AN1842 |
60W WIDE-RANGE POWER SUPPLY
|
STMicroelectronics
|
MC74LCX00 MC74LCX00D MC74LCX00DT MC74LCX00M MC74LC |
0.8 to 1.8 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 LVC/LCX/Z SERIES, QUAD 2-INPUT NAND GATE, PDSO14 1.2 to 5.5 V 12-A, 12-V Input Non-Isolated Wide-Adjust Module 10-DIP MODULE -40 to 85 From old datasheet system Low-Voltage CMOS Quad 2-Input NAND Gate With 5V-Tolerant Inputs
|
Motorola, Inc. MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
AD817AN AD817 AD817AR |
High Speed, Low Power Wide Supply Range Amplifier
|
AD[Analog Devices]
|